Part Number Hot Search : 
STK73410 BSS60A AOK40N30 06780 INTEGRA PST3137 4VHCT1 2903N
Product Description
Full Text Search
 

To Download AAT8641K Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Advanced Analog Technology, Inc.
AAT8641 Series
Product information presented is current as of publication date. Details are subject to change without notice
ONE-CELL LI-ION BATTERY PROTECTION IC
FEATURES
Ideal for One-Cell Rechargeable Li-Ion Battery Packs High Accuracy Voltage Detection Low Current Consumption: 3A Supply Current (Typical) 0.1A Shutdown Current 3-Level Over Current Detection: Over-Current Level 1 /Over Current Level 2 / Short Circuit Wide Operating Temperature Range:
- 40
o
GENERAL DESCRIPTION
The AAT8641 series are designed for the protection of one-cell rechargeable Li-Ion battery pack against over charge, over discharge, over current and short circuit. They use CMOS process to provide high accuracy voltage detection while consuming relatively low amount of current. Each of the AAT8641 devices incorporates voltage comparators, bandgap reference voltage generator, signal delay circuit, short circuit detector, and digital control circuit. During the charge process, when the battery voltage is charged to a value higher than VC1 (Over Charge Threshold Voltage), the output of C out pin switches to low level, i.e., the VN pin level. The output of Cout pin will switch to high level when the battery voltage is at a level lower than VC 2 (Over Charge Release Voltage), or when the charger is disconnected from the battery pack and the battery voltage level is in between VC1 and VC 2 . During the discharge process, when the battery voltage drops to a value lower than VD1 (Over
C to +85 oC
Small SOT25 Package
PIN CONFIGURATION
TOP VIEW
VN
COUT
GND
D OUT
Discharge Threshold Voltage), the output of D out pin switches to low level immediately after the internal delay time elapses. The output of D out pin will switch to high level when the battery voltage is at a level higher than VD 2
-
- - Advanced Analog Technology, Inc. -
Page 1 of 25 V2.0
Advanced Analog Technology, Inc.
AAT8641 Series
(Over-Discharge Release Voltage). Over Current Level 1 Voltage ( VOC1 ) is used to monitor the amount of discharge current. If the discharge current is high enough to cause VN pin voltage to be greater than VOC1 , the output of D out pin will switch to low level after a delay time tOC1. If the load is removed from battery pack, the output of D out will change to high again. The mechanism of short circuit protection is exactly the same as discharge current. If the short circuit current is high enough to cause VN pin voltage to be greater than Vshort , the output of D out pin would fall to low level after a delay time t short , and the output of D out level will change to high when the load is removed from battery pack.
BLOCK DIAGRAM:
Dout
C out
-
- - Advanced Analog Technology, Inc. -
Page 2 of 25 V2.0
Advanced Analog Technology, Inc.
AAT8641 Series
PIN DESCRIPTION
PIN NO
1 2 3 4 5
NAME
VN VDD GND D out
C out
I/O
I I O O
DESCRIPTION
Voltage Detection Pin Between VN and GND Power Supply Input Pin Ground Discharge Control Pin which Connects to External MOSFET Gate Charge Control Pin which Connects to External MOSFET Gate.
ABSOLUTE MAXIMUM RATINGS
CHARACTERISTICS
Supply Voltage VN Pin Input Voltage
D out Pin Output Voltage C out Pin Output Voltage
SYMBOL
VDD VVN VDout VCout Pd TC
VALUE
-0.3 to 8.0 VDD - 20.0 to VDD + 0.3 -0.3 to VDD + 0.3 VVN - 0.3 to VDD + 0.3
UNIT
V V V V mW
o o
Power Dissipation Operating Temperature Range Storage Temperature Range
150
-40 to +85 -40 to +125
C
Tstorage
C
RECOMMENDED OPERATING CONDITIONS
Test condition
Supply Voltage, VDD Voltage Defined as VDD to GND
Min
1.5 GND VN
Max
7.0
VDD VDD
Unit
V V V
D out Output Voltage C out Output Voltage
OPERATION VOLTAGE AND OPERATION CURRENT
Parameter
Supply Current at Normal Operation Mode Standby Current at Power Down Mode Operation Voltage between VDD and VN
Test Condition
VDD =3.3V; VN=0V; GND=0V
Min
1.5
Typ
3.0 -
Max
5.0 0.1 20.0
Unit
A A
V
-
- - Advanced Analog Technology, Inc. -
Page 3 of 25 V2.0
Advanced Analog Technology, Inc.
AAT8641 Series
AAT8641A DETECTION VOLTAGE AND DELAY TIME (25)
PARAMETER
Over Charge Threshold Voltage Over Charge Release Voltage Over Discharge Threshold Voltage Over Discharge Release Voltage Over Charge Delay Time Over Discharge Delay Time Over Current Level 1 Detection Voltage Over Current Level 2 Detection Voltage
SYMBOL
VC1 VC 2 VD1 VD 2 t C1 t D1 VOC1
TEST CONDITION
Detect Rising Edge of Supply Voltage Detect Falling Edge of Supply Voltage Detect Falling Edge of Supply Voltage Detect Rising Edge of Supply Voltage VDD = 3.6V to 4.5V
VDD = 3.6V to 2.4V
Min
4.300
Typ
4.325
Max
4.350
Unit
V V V V s ms
VC1 - 0.30 VC1 - 0.25 VC1 - 0.20
2.420 VD1+0.3 0.700 87.5
2.500 VD1+0.4 1.000 125.0
2.580 VD1+0.5 1.300 162.5
Detect Rising Edge of "VN" Pin Voltage ( D out Response with t OC1 Delay Time) Detect Rising Edge of "VN" Pin Voltage ( D out Response with t OC 2 Delay Time)
VDD = 3.0V , Detect Rising Edge of "VN" Pin Voltage ( D out Response with t short Delay Time) VDD = 3.0V
130
150
170
mV
VOC 2
400
500
600
mV
Short Circuit Detection Voltage Over Current Level 1 Detection Delay Time Over Current Level 2 Detection Delay Time Short Circuit Detection Delay Time Charger Detection Voltage
C out High Level Resistance C out Low Level Resistance
D out High Level Resistance
Vshort
VDD -1.7
VDD -1.3
VDD - 0.9
V
t OC1 t OC 2 t short VCHR R COH R COL R DOH R DOL R VND R VNG
5.6 1.4 1.1
8.0 2.0 2.0 10
10.4 2.6 3.4 50
-0.6
ms ms ms
s
Room Temp. Low or High Temp. VDD = 3.0V
VDD = 3.0V
Detect Rising Edge of " D out " Pin Voltage (when VD1VDD VD2) VDD =3.5V; C out =3.0V;VN=0V
VDD =4.5V; VDD =3.5V; D out =3.0V;VN=0V VDD =1.8V;
D out =0.5V;VN=1.8V
-2.0
-1.3
V
k k k k k k
1 150 2.5 2.5 100 50
2 602 5.0 5.0 300 150
10 2,380 10.0 10.0 900 300
D out Low Level Resistance
Internal Resistance between VN and VDD Internal Resistance between VN and GND
VDD =1.8V; VN=0V VDD =3.5V; VN=3.5V
-
- - Advanced Analog Technology, Inc. -
Page 4 of 25 V2.0
Advanced Analog Technology, Inc.
AAT8641 Series
AAT8641B DETECTION VOLTAGE AND DELAY TIME (25)
PARAMETER
Over Charge Threshold Voltage Over Charge Release Voltage Over Discharge Threshold Voltage Over Discharge Release Voltage Over Charge Delay Time Over Discharge Delay Time Over Current Level 1 Detection Voltage Over Current Level 2 Detection Voltage
SYMBOL
VC1 VC 2 VD1 VD 2 t C1 t D1 VOC1
TEST CONDITION
Detect Rising Edge of Supply Voltage Detect Falling Edge of Supply Voltage Detect Falling Edge of Supply Voltage Detect Rising Edge of Supply Voltage VDD = 3.6V to 4.5V
VDD = 3.6V to 2.2V
MIN
4.325
TYP
4.350
MAX
4.375
UNIT
V V V V s ms mV
VC1-0.25 VC1-0.20 VC1-0.15 2.220 2.300 2.380
VD1+0.6 VD1+0.7 VD1+0.8 0.088 22.4 130 0.125 32.0 150 0.163 41.6 170
Detect Rising Edge of "VN" Pin Voltage ( D out Response with t OC1 Delay Time) Detect Rising Edge of "VN" Pin Voltage ( D out Response with t OC 2 Delay Time)
VOC 2
400
500
600
mV
Short Circuit Detection Voltage Over Current Level 1 Detection Delay Time Over Current Level 2 Detection Delay Time Short Circuit Detection Delay Time Charger Detection Voltage
C out High Level Resistance C out Low Level Resistance
D out High Level Resistance D out Low Level Resistance
Vshort
t OC1 t OC 2 t short VCHR R COH R COL R DOH R DOL R VND R VNG
VDD = 3.0V , Detect Rising Edge of "VN" Pin Voltage VDD -1.7 ( D out Response with t short Delay Time) VDD = 3.0V 2.8
VDD -1.3
VDD - 0.9
V
4.0 2.0 2.0 10
5.2 2.6 3.4 50
-0.6
ms ms ms
s
Room Temp. Low or High Temp. VDD = 3.0V
VDD = 3.0V
1.4 1.1
Detect Rising Edge of " D out " Pin Voltage (when VD1VDD VD2) VDD =3.5V; C out =3.0V;VN=0V
VDD =4.5V; C out =0.5V;VN=0V VDD 3.5V; D out =3.0V;VN=0V VDD =1.8V; D out =0.5V;VN=1.8V VDD =1.8V; VN=0V VDD =3.5V; VN=3.5V
-2.0
-1.3
V
k k k k k k
1 150 2.5 2.5 100 50
2 602 5.0 5.0 300 150
10 2,380 10.0 10.0 900
Internal Resistance between VN and VDD Internal Resistance between VN and GND
300
-
- - Advanced Analog Technology, Inc. -
Page 5 of 25 V2.0
Advanced Analog Technology, Inc.
AAT8641 Series
AAT8641C DETECTION VOLTAGE AND DEALY TIME(25)
PARAMETER
Over Charge Threshold Voltage Over Charge Release Voltage Over Discharge Threshold Voltage Over Discharge Release Voltage Over Charge Delay Time Over Discharge Delay Time Over Current Level 1 Detection Voltage Over Current Level 2 Detection Voltage
SYMBOL
VC1 VC 2 VD1 VD 2 t C1 t D1 VOC1
TEST CONDITION
Detect Rising Edge of Supply Voltage Detect Falling Edge of Supply Voltage Detect Falling Edge of Supply Voltage Detect Rising Edge of Supply Voltage VDD = 3.6V to 4.5V
VDD = 3.6V to 2.2V
MIN
4.275
TYP
4.300
MAX
4.325
UNIT
V V V V s ms mV
VC1-0.25 VC1-0.20 VC1-0.15 2.220 VD1-0.08 0.700 87.5 80 2.300 VD1 1.000 125.0 100 2.380 VD1+0.08 1.300 162.5 120
Detect Rising Edge of "VN" Pin Voltage ( D out Response with t OC1 Delay Time) Detect Rising Edge of "VN" Pin Voltage ( D out Response with t OC 2 Delay Time)
VOC 2
400
480
600
mV
Short Circuit Detection Voltage Over Current Level 1 Detection Delay Time Over Current Level 2 Detection Delay Time Short Circuit Detection Delay Time Charger Detection Voltage
C out High Level Resistance C out Low Level Resistance D out High Level Resistance D out Low Level Resistance
Vshort
VDD = 3.0V , Detect Rising Edge of "VN" Pin Voltage VDD -1.7 ( D out Response with t short Delay Time) VDD = 3.0V
VDD -1.3
VDD - 0.9
V
t OC1 t OC 2 t short VCHR R COH R COL R DOH R DOL R VND R VNG
5.6 1.4 1.1
8.0 2.0 2.0 10
10.4 2.6 3.4 50
-0.6
ms ms ms
s
Room Temp. Low or High Temp. VDD = 3.0V
VDD = 3.0V
Detect Rising Edge of " D out " Pin Voltage (when VD1VDD VD2) VDD =3.5V; C out =3.0V;VN=0V
VDD =4.5V; C out =0.5V;VN=0V VDD =3.5V; D out =3.0V;VN=0V VDD =1.8V; D out =0.5V;VN=1.8V VDD =1.8V; VN=0V VDD =3.5V; VN=3.5V
-2.0
-1.3
V
k k k k k k
1 150 2.5 2.5 100 50
2 602 5.0 5.0 300 150
10 2,380 10.0 10.0 900 300
Internal Resistance between VN and VDD Internal Resistance between VN and GND
-
- - Advanced Analog Technology, Inc. -
Page 6 of 25 V2.0
Advanced Analog Technology, Inc.
AAT8641 Series
AAT8641D DETECTION VOLTAGE AND DELAY TIME (25)
PARAMETER
Over Charge Threshold Voltage Over Charge Release Voltage Over Discharge Threshold Voltage Over Discharge Release Voltage Over Charge Delay Time Over Discharge Delay Time Over Current Level 1 Detection Voltage Over Current Level 2 Detection Voltage
SYMBOL
VC1 VC 2 VD1 VD 2 t C1 t D1 VOC1
TEST CONDITION
Detect Rising Edge of Supply Voltage Detect Falling Edge of Supply Voltage Detect Falling Edge of Supply Voltage Detect Rising Edge of Supply Voltage VDD = 3.6V to 4.5V
VDD = 3.6V to 2.2V
MIN
4.255 VC1-0.25 2.201 VD1-0.08 0.700 87.5 110
TYP
4.280 VC1-0.20 2.281 VD1 1.000 125.0 130
MAX
4.305 VC1-0.15 2.361 VD1+0.08 1.300 162.5 150
UNIT
V V V V s ms mV
Detect Rising Edge of "VN" Pin Voltage ( D out Response with t OC1 Delay Time) Detect Rising Edge of "VN" Pin Voltage ( D out Response with t OC 2 Delay Time)
VDD = 3.0V , Detect Rising Edge of "VN" Pin Voltage ( D out
VOC 2
400
490
600
mV
Short Circuit Detection Voltage Over Current Level 1 Detection Delay Time Over Current Level 2 Detection Delay Time Short Circuit Detection Delay Time Charger Detection Voltage
C out High Level Resistance C out Low Level Resistance D out High Level Resistance D out Low Level Resistance
Vshort t OC1 t OC 2 t short VCHR R COH R COL R DOH R DOL R VND R VNG
VDD -1.7
VDD -1.3
VDD - 0.9
V ms ms ms
s
Response with t short Delay Time)
VDD = 3.0V
5.6 1.4 1.1
8.0 2.0 2.0 10
10.4 2.6 3.4 50
Room Temp. Low or High Temp. VDD = 3.0V
VDD = 3.0V
Detect Rising Edge of " D out " Pin Voltage (when VD1VDD VD2) VDD =3.5V; C out =3.0V;VN=0V
VDD =4.5V; C out =0.5V;VN=0V VDD =3.5V; D out =3.0V;VN=0V VDD =1.8V; D out =0.5V;VN=1.8V VDD =1.8V; VN=0V VDD =3.5V; VN=3.5V
-2.0
-1.3
-0.6
V
k k k k k k
1 150 2.5 2.5 100 50
2 602 5.0 5.0 300 150
10 2,380 10.0 10.0 900 300
Internal Resistance between VN and VDD Internal Resistance between VN and GND
-
- - Advanced Analog Technology, Inc. -
Page 7 of 25 V2.0
Advanced Analog Technology, Inc.
AAT8641 Series
AAT8641E DETECTION VOLTAGE AND DELAY TIME (25)
PARAMETER
Over Charge Threshold Voltage Over Charge Release Voltage Over Discharge Threshold Voltage Over Discharge Release Voltage Over Charge Delay Time Over Discharge Delay Time Over Current Level 1 Detection Voltage Over Current Level 2 Detection Voltage
SYMBOL
VC1 VC 2 VD1 VD 2 t C1 t D1 VOC1
TEST CONDITION
Detect Rising Edge of Supply Voltage Detect Falling Edge of Supply Voltage Detect Falling Edge of Supply Voltage Detect Rising Edge of Supply Voltage VDD = 3.6V to 4.5V
VDD = 3.6V to 2.2V
MIN
4.255
TYP
4.280
MAX
4.305
UNIT
V V V V s ms mV
VC1-0.25 VC1-0.20 VC1-0.15 2.201 VD1+0.5 0.700 87.5 80 2.281 2.361
VD1+0.6 VD1+0.7 1.000 125.0 100 1.300 162.5 120
Detect Rising Edge of "VN" Pin Voltage ( D out Response with t OC1 Delay Time) Detect Rising Edge of "VN" Pin Voltage ( D out Response with t OC 2 Delay Time)
VDD = 3.0V , Detect Rising Edge of "VN" Pin Voltage ( D out
VOC 2
400
480
600
mV
Short Circuit Detection Voltage Over Current Level 1 Detection Delay Time Over Current Level 2 Detection Delay Time Short Circuit Detection Delay Time Charger Detection Voltage
C out High Level Resistance C out Low Level Resistance D out High Level Resistance D out Low Level Resistance
Vshort t OC1 t OC 2 t short VCHR R COH R COL R DOH R DOL R VND R VNG
VDD -1.7
VDD -1.3
VDD - 0.9
V ms ms ms
s
Response with t short Delay Time)
VDD = 3.0V
5.6 1.4 1.1
8.0 2.0 2.0 10
10.4 2.6 3.4 50
-0.6
Room Temp. Low or High Temp. VDD = 3.0V
VDD = 3.0V
Detect Rising Edge of " D out " Pin Voltage (when VD1VDDVD2) VDD =3.5V; C out =3.0V;VN=0V
VDD =4.5V; C out =0.5V;VN=0V VDD =3.5V; D out =3.0V;VN=0V VDD =1.8V; D out =0.5V;VN=1.8V VDD =1.8V; VN=0V VDD =3.5V; VN=3.5V
-2.0
-1.3
V
k k k k k k
1 150 2.5 2.5 100 50
2 602 5.0 5.0 300 150
10 2,380 10.0 10.0 900 300
Internal Resistance between VN and VDD Internal Resistance between VN and GND
-
- - Advanced Analog Technology, Inc. -
Page 8 of 25 V2.0
Advanced Analog Technology, Inc.
AAT8641 Series
AAT8641F DETECTION VOLTAGE AND DELAY TIME (25)
PARAMETER
Over Charge Threshold Voltage Over Charge Release Voltage Over Discharge Threshold Voltage Over Discharge Release Voltage Over Charge Delay Time Over Discharge Delay Time Over Current Level 1 Detection Voltage Over Current Level 2 Detection Voltage
SYMBOL
VC1 VC 2 VD1 VD 2 t C1 t D1 VOC1
TEST CONDITION
Detect Rising Edge of Supply Voltage Detect Falling Edge of Supply Voltage Detect Falling Edge of Supply Voltage Detect Rising Edge of Supply Voltage VDD = 3.6V to 4.5V
VDD = 3.6V to 2.4V
MIN
4.300
TYP
4.325
MAX
4.350
UNIT
V V V V s ms mV
VC1-0.30 VC1-0.25 VC1-0.20 2.420 VD1+0.3 0.700 87.5 80 2.500 2.580
VD1+0.4 VD1+0.5 1.000 125.0 100 1.300 162.5 120
Detect Rising Edge of "VN" Pin Voltage ( D out Response with t OC1 Delay Time) Detect Rising Edge of "VN" Pin Voltage ( D out Response with t OC 2 Delay Time)
VDD = 3.0V , Detect Rising Edge of "VN" Pin Voltage ( D out Response with t short Delay Time) VDD = 3.0V
VOC 2
400
480
600
mV
Short Circuit Detection Voltage Over Current Level 1 Detection Delay Time Over Current Level 2 Detection Delay Time Short Circuit Detection Delay Time Charger Detection Voltage
C out High Level Resistance C out Low Level Resistance D out High Level Resistance D out Low Level Resistance
Vshort
VDD -1.7
VDD -1.3
VDD - 0.9
V
t OC1 t OC 2 t short VCHR R COH R COL R DOH R DOL R VND R VNG
5.6 1.4 1.1
8.0 2.0 2.0 10
10.4 2.6 3.4 50
-0.6
ms ms ms
s
Room Temp. Low or High Temp. VDD = 3.0V
VDD = 3.0V
Detect Rising Edge of " D out " Pin Voltage (when VD1VDD VD2) VDD =3.5V;
VDD =4.5V; VDD =3.5V; VDD =1.8V; D out =0.5V;VN=1.8V VDD =1.8V; VN=0V VDD =3.5V; VN=3.5V
-2.0
-1.3
V
k k k k k k
1 150 2.5 2.5 100 50
2 602 5.0 5.0 300 150
10 2,380 10.0 10.0 900 300
Internal Resistance between VN and VDD Internal Resistance between VN and GND
-
- - Advanced Analog Technology, Inc. -
Page 9 of 25 V2.0
Advanced Analog Technology, Inc.
AAT8641 Series
AAT8641G DETECTION VOLTAGE AND DELAY TIME (25)
PARAMETER
Over Charge Threshold Voltage Over Charge Release Voltage Over Discharge Threshold Voltage Over Discharge Release Voltage Over Charge Delay Time Over Discharge Delay Time Over Current Level 1 Detection Voltage Over Current Level 2 Detection Voltage
SYMBOL
VC1 VC 2 VD1 VD 2 t C1 t D1 VOC1
TEST CONDITION
Detect Rising Edge of Supply Voltage Detect Falling Edge of Supply Voltage Detect Falling Edge of Supply Voltage Detect Rising Edge of Supply Voltage VDD = 3.6V to 4.5V
VDD = 3.6V to 2.2V
MIN
4.325
TYP
4.350
MAX
4.375
UNIT
V V V V s ms mV
VC1-0.25 VC1-0.20 VC1-0.15 2.220 VD1+0.6 0.088 22.4 180 2.300 2.380
VD1+0.7 VD1+0.8 0.125 32.0 200 0.163 41.6 220
Detect Rising Edge of "VN" Pin Voltage ( D out Response with t OC1 Delay Time) Detect Rising Edge of "VN" Pin Voltage ( D out Response with t OC 2 Delay Time)
VDD = 3.0V , Detect Rising Edge of "VN" Pin Voltage ( D out
VOC 2
400
510
600
mV
Short Circuit Detection Voltage Over Current Level 1 Detection Delay Time Over Current Level 2 Detection Delay Time Short Circuit Detection Delay Time Charger Detection Voltage
C out High Level Resistance C out Low Level Resistance D out High Level Resistance D out Low Level Resistance
Vshort t OC1 t OC 2 t short VCHR R COH R COL R DOH R DOL R VND R VNG
VDD -1.7
VDD -1.3
VDD - 0.9
V ms ms ms
s
Response with t short Delay Time)
VDD = 3.0V
2.8 1.4 1.1
4.0 2.0 2.0 10
5.2 2.6 3.4 50
-0.6
Room Temp. Low or High Temp. VDD = 3.0V
VDD = 3.0V
Detect Rising Edge of " D out " Pin Voltage (when VD1VDD VD2) VDD =3.5V; C out =3.0V;VN=0V
VDD =4.5V; C out =0.5V;VN=0V VDD =3.5V; D out =3.0V;VN=0V VDD =1.8V; D out =0.5V;VN=1.8V VDD =1.8V; VN=0V VDD =3.5V; VN=3.5V
-2.0
-1.3
V
k k k k k k
1 150 2.5 2.5 100 50
2 602 5.0 5.0 300 150
10 2,380 10.0 10.0 900 300
Internal Resistance between VN and VDD Internal Resistance between VN and GND
-
- - Advanced Analog Technology, Inc. -
Page 10 of 25 V2.0
Advanced Analog Technology, Inc.
AAT8641 Series
AAT8641H DETECTION VOLTAGE AND DELAY TIME (25)
PARAMETER
Over Charge Threshold Voltage Over Charge Release Voltage Over Discharge Threshold Voltage Over Discharge Release Voltage Over Charge Delay Time Over Discharge Delay Time Over Current Level 1 Detection Voltage Over Current Level 2 Detection Voltage
SYMBOL
VC1 VC 2 VD1 VD 2 t C1 t D1 VOC1
TEST CONDITION
Detect Rising Edge of Supply Voltage Detect Falling Edge of Supply Voltage Detect Falling Edge of Supply Voltage Detect Rising Edge of Supply Voltage VDD = 3.6V to 4.5V
VDD = 3.6V to 2.2V
MIN
4.275
TYP
4.300
MAX
4.325
UNIT
V V V V s ms mV
VC1-0.25 VC1-0.20 VC1-0.15 2.220 VD1-0.08 0.700 87.5 130 2.300 VD1 1.000 125.0 150 2.380 VD1+0.08 1.300 162.5 170
Detect Rising Edge of "VN" Pin Voltage ( D out Response with t OC1 Delay Time) Detect Rising Edge of "VN" Pin Voltage ( D out Response with t OC 2 Delay Time)
VDD = 3.0V , Detect Rising Edge of "VN" Pin Voltage ( D out
VOC 2
400
500
600
mV
Short Circuit Detection Voltage Over Current Level 1 Detection Delay Time Over Current Level 2 Detection Delay Time Short Circuit Detection Delay Time Charger Detection Voltage
C out High Level Resistance C out Low Level Resistance D out High Level Resistance D out Low Level Resistance
Vshort t OC1 t OC 2 t short VCHR R COH R COL R DOH R DOL R VND R VNG
VDD -1.7
VDD -1.3
VDD - 0.9
V ms ms ms
s
Response with t short Delay Time)
VDD = 3.0V
5.6 1.4 1.1
8.0 2.0 2.0 10
10.4 2.6 3.4 50
-0.6
Room Temp. Low or High Temp. VDD = 3.0V
VDD = 3.0V
Detect Rising Edge of " D out " Pin Voltage (when VD1VDD VD2) VDD =3.5V; C out =3.0V;
VDD =4.5V; C out =0.5V; VDD =3.5V; D out =3.0V; VDD =1.8V; D out =0.5V; VN=1.8V VDD =1.8V; VN=0V VDD =3.5V; VN=3.5V
-2.0
-1.3
V
k k k k k k
1 150 2.5 2.5 100 50
2 602 5.0 5.0 300 150
10 2,380 10.0 10.0 900 300
Internal Resistance between VN and VDD Internal Resistance between VN and GND
-
- - Advanced Analog Technology, Inc. -
Page 11 of 25 V2.0
Advanced Analog Technology, Inc.
AAT8641 Series
AAT8641I DETECTION VOLTAGE AND DELAY TIME (25)
PARAMETER
Over Charge Threshold Voltage Over Charge Release Voltage Over Discharge Threshold Voltage Over Discharge Release Voltage Over Charge Delay Time Over Discharge Delay Time Over Current Level 1 Detection Voltage Over Current Level 2 Detection Voltage
SYMBOL
VC1 VC 2 VD1 VD 2 t C1 t D1 VOC1
TEST CONDITION
Detect Rising Edge of Supply Voltage Detect Falling Edge of Supply Voltage Detect Falling Edge of Supply Voltage Detect Rising Edge of Supply Voltage VDD = 3.6V to 4.5V
VDD = 3.6V to 2.2V
MIN
4.275
TYP
4.300
MAX
4.325
UNIT
V V V V s ms mV
VC1 - 0.25 VC1 - 0.20 VC1 - 0.15
2.220
VD1 - 0.08
2.300 VD1 1.000 125.0 130
2.380 VD1+0.08 1.300 162.5 150
0.700 87.5 110
Detect Rising Edge of "VN" Pin Voltage ( D out Response with t OC1 Delay Time) Detect Rising Edge of "VN" Pin Voltage ( D out Response with t OC 2 Delay Time)
VDD = 3.0V , Detect Rising Edge of "VN" Pin Voltage ( D out
VOC 2
400
490
600
mV
Short Circuit Detection Voltage Over Current Level 1 Detection Delay Time Over Current Level 2 Detection Delay Time Short Circuit Detection Delay Time Charger Detection Voltage
C out High Level Resistance C out Low Level Resistance D out High Level Resistance D out Low Level Resistance
Vshort t OC1 t OC 2 t short VCHR R COH R COL R DOH R DOL R VND R VNG
VDD -1.7
VDD -1.3
VDD - 0.9
V ms ms ms
s
Response with t short Delay Time)
VDD = 3.0V
5.6 1.4 1.1
8.0 2.0 2.0 10
10.4 2.6 3.4 50
-0.6
Room Temp. Low or High Temp. VDD = 3.0V
VDD = 3.0V
Detect Rising Edge of " D out " Pin Voltage (when VD1VDD VD2) VDD =3.5V; C out =3.0V;VN=0V
VDD =4.5V; C out =0.5V;VN=0V VDD =3.5V; D out =3.0V;VN=0V VDD =1.8V; D out =0.5V;VN=1.8V VDD =1.8V; VN=0V VDD =3.5V; VN=3.5V
-2.0
-1.3
V
k k k k k k
1 150 2.5 2.5 100 50
2 602 5.0 5.0 300 150
10 2,380 10.0 10.0 900 300
Internal Resistance between VN and VDD Internal Resistance between VN and GND
-
- - Advanced Analog Technology, Inc. -
Page 12 of 25 V2.0
Advanced Analog Technology, Inc.
AAT8641 Series
AAT8641J DETECTION VOLTAGE AND DELAY TIME (25)
PARAMETER
Over Charge Threshold Voltage Over Charge Release Voltage Over Discharge Threshold Voltage Over Discharge Release Voltage Over Charge Delay Time Over Discharge Delay Time Over Current Level 1 Detection Voltage Over Current Level 2 Detection Voltage
SYMBOL
VC1 VC 2 VD1 VD 2 t C1 t D1 VOC1
TEST CONDITION
Detect Rising Edge of Supply Voltage Detect Falling Edge of Supply Voltage Detect Falling Edge of Supply Voltage Detect Rising Edge of Supply Voltage VDD = 3.6V to 4.5V
VDD = 3.6V to 2.2V
MIN
4.255
TYP
4.280
MAX
4.305
UNIT
V V V V s ms mV
VC1 - 0.25 VC1 - 0.20 VC1 - 0.15
2.201
VD1 - 0.08
2.281 VD1 1.000 125.0 200
2.361 VD1+0.08 1.300 162.5 220
0.700 87.5 180
Detect Rising Edge of "VN" Pin Voltage ( D out Response with t OC1 Delay Time) Detect Rising Edge of "VN" Pin Voltage ( D out Response with t OC 2 Delay Time)
VDD = 3.0V , Detect Rising Edge of "VN" Pin Voltage ( D out
VOC 2
400
510
600
mV
Short Circuit Detection Voltage Over Current Level 1 Detection Delay Time Over Current Level 2 Detection Delay Time Short Circuit Detection Delay Time Charger Detection Voltage
C out High Level Resistance C out Low Level Resistance D out High Level Resistance D out Low Level Resistance
Vshort t OC1 t OC 2 t short VCHR R COH R COL R DOH R DOL R VND R VNG
VDD -1.7
VDD -1.3
VDD - 0.9
V ms ms ms
s
Response with t short Delay Time)
VDD = 3.0V
5.6 1.4 1.1
8.0 2.0 2.0 10
10.4 2.6 3.4 50
-0.6
Room Temp. Low or High Temp. VDD = 3.0V
VDD = 3.0V
Detect Rising Edge of " D out " Pin Voltage (when VD1VDD VD2) VDD =3.5V; C out =3.0V;VN=0V
VDD =4.5V; C out =0.5V;VN=0V VDD =3.5V; D out =3.0V;VN=0V VDD =1.8V; D out =0.5V;VN=1.8V VDD =1.8V; VN=0V VDD =3.5V; VN=3.5V
-2.0
-1.3
V
k k k k k k
1 150 2.5 2.5 100 50
2 602 5.0 5.0 300 150
10 2,380 10.0 10.0 900 300
Internal Resistance between VN and VDD Internal Resistance between VN and GND
-
- - Advanced Analog Technology, Inc. -
Page 13 of 25 V2.0
Advanced Analog Technology, Inc.
AAT8641 Series
AAT8641K DETECTION VOLTAGE AND DELAY TIME (25)
PARAMETER
Over Charge Threshold Voltage Over Charge Release Voltage Over Discharge Threshold Voltage Over Discharge Release Voltage Over Charge Delay Time Over Discharge Delay Time Over Current Level 1 Detection Voltage Over Current Level 2 Detection Voltage
SYMBOL
VC1 VC 2 VD1 VD 2 t C1 t D1 VOC1
TEST CONDITION
Detect Rising Edge of Supply Voltage Detect Falling Edge of Supply Voltage Detect Falling Edge of Supply Voltage Detect Rising Edge of Supply Voltage VDD = 3.6V to 4.5V
MIN
4.225 VC1-0.25 2.201 VD1+0.5 0.700 87.5 80
TYP
4.250 VC1-0.20 2.281 VD1+0.6 1.000 125.0 100
MAX
4.275 VC1-0.15 2.361 VD1+0.7 1.300 162.5 120
UNIT
V V V V s ms mV
VDD = 2 .8 V to 2.2V
Detect Rising Edge of "VN" Pin Voltage ( D out Response with t OC1 Delay Time) Detect Rising Edge of "VN" Pin Voltage ( D out Response with t OC 2 Delay Time)
VDD = 3.0V , Detect Rising Edge of "VN" Pin Voltage ( D out
VOC 2
400
480
600
mV
Short Circuit Detection Voltage Over Current Level 1 Detection Delay Time Over Current Level 2 Detection Delay Time Short Circuit Detection Delay Time Charger Detection Voltage
C out High Level Resistance C out Low Level Resistance D out High Level Resistance D out Low Level Resistance
Vshort t OC1 t OC 2 t short VCHR R COH R COL R DOH R DOL R VND R VNG
VDD -1.7
VDD -1.3
VDD - 0.9
V ms ms ms
s
Response with t short Delay Time)
VDD = 3.0V
5.6 1.4 1.1
8.0 2.0 2.0 10
10.4 2.6 3.4 50
-0.6
Room Temp. Low or High Temp. VDD = 3.0V
VDD = 3.0V
Detect Rising Edge of " D out " Pin Voltage (when VD1VDD VD2) VDD =3.5V; C out =3.0V;VN=0V
VDD =4.5V; C out =0.5V;VN=0V VDD =3.5V; D out =3.0V;VN=0V VDD =1.8V; D out =0.5V;VN=1.8V VDD =1.8V; VN=0V VDD =3.5V; VN=3.5V
-2.0
-1.3
V
k k k k k k
1 150 2.5 2.5 100 50
2 602 5.0 5.0 300 150
10 2,380 10.0 10.0 900 300
Internal Resistance between VN and VDD Internal Resistance between VN and GND
-
- - Advanced Analog Technology, Inc. -
Page 14 of 25 V2.0
Advanced Analog Technology, Inc.
AAT8641 Series
SUMARY OF AAT8641 DETECTION VOLTAGE AND DELAY TIME (25)
PARAMETER SYMBOL
VC1
DEVICE
AAT8641A AAT8641B AAT8641C AAT8641D AAT8641E
MIN
4.300 4.325 4.275 4.255 4.255 4.300 4.325 4.275 4.275 4.255 4.225
VC1 - 0.30 VC1 - 0.25 VC1 - 0.25 VC1 - 0.25 VC1 - 0.25 VC1 - 0.30 VC1 - 0.25 VC1 - 0.25 VC1 - 0.25 VC1 - 0.25 VC1 - 0.25
TYP
4.325 4.350 4.300 4.280 4.280 4.325 4.350 4.30 4.30 4.280 4.250
VC1 - 0.25 VC1 - 0.20 VC1 - 0.20 VC1 - 0.20 VC1 - 0.20
MAX
4.350 4.375 4.325 4.305 4.305 4.350 4.375 4.325 4.325 4.305 4.275
VC1 - 0.20 VC1 - 0.15 VC1 - 0.15 VC1 - 0.15 VC1 - 0.15 VC1 - 0.20 VC1 - 0.15 VC1 - 0.15 VC1 - 0.15 VC1 - 0.15 VC1 - 0.15
UNIT
V V V V V V V V V V V V V V V V V V V V V V V V V V V V V V V V V
Over Charge Threshold Voltage
AAT8641F AAT8641G AAT8641H AAT8641I AAT8641J AAT8641K
VC 2
AAT8641A AAT8641B AAT8641C AAT8641D AAT8641E
Over Charge Release Voltage
AAT8641F AAT8641G AAT8641H AAT8641I AAT8641J AAT8641K
VD1
VC1-0.25
VC1 - 0.20 VC1 - 0.20 VC1 - 0.20 VC1 - 0.20 VC1 - 0.20
AAT8641A AAT8641B AAT8641C AAT8641D AAT8641E AAT8641F AAT8641G AAT8641H AAT8641I AAT8641J AAT8641K
2.420 2.220 2.220 2.201 2.201 2.420 2.220 2.220 2.220 2.201 2.201
2.500 2.300 2.300 2.281 2.281 2.500 2.300 2.300 2.300 2.281 2.281
2.580 2.380 2.380 2.361 2.361 2.580 2.380 2.380 2.380 2.361 2.361
Over Discharge Threshold Voltage
-
- - Advanced Analog Technology, Inc. -
Page 15 of 25 V2.0
Advanced Analog Technology, Inc.
AAT8641 Series
SUMMARY OF AAT8641 DETECTION VOLTAGE AND DELAY TIME (25)
PARAMETER SYMBOL
VD 2
DEVICE
AAT8641A AAT8641B AAT8641C AAT8641D AAT8641E
MIN
VD1+0.3 VD1+0.6
VD1 - 0.08 VD1 - 0.08
TYP
VD1+0.4 VD1+0.7 VD1 VD1 VD1+0.6 VD1+0.4 VD1+0.7 VD1 VD1 VD1 VD1+0.6 1.000 0.125 1.000 1.000 1.000 1.000 0.125 1.000 1.000 1.000 1.000 125.0 32.0 125.0 125.0 125.0 125.0 32.0 125.0 125.0 125.0 125.0
MAX
VD1+0.5 VD1+0.8 VD1+0.08 VD1+0.08 VD1+0.7 VD1+0.5 VD1+0.8 VD1+0.08 VD1+0.08 VD1+0.08 VD1+0.7 1.300 0.163 1.300 1.300 1.300 1.300 0.163 1.300 1.300 1.300 1.300 162.5 41.6 162.5 162.5 162.5 162.5 41.6 162.5 162.5 162.5 162.5
UNIT
V V V V V V V V V V V s s s s s s s s s s s ms ms ms ms ms ms ms ms ms ms ms
VD1+0.5 VD1+0.3 VD1+0.6
VD1 - 0.08 VD1 - 0.08 VD1 - 0.08
Over Discharge Release Voltage
AAT8641F AAT8641G AAT8641H AAT8641I AAT8641J AAT8641K
t C1
VD1+0.5 0.700 0.088 0.700 0.700 0.700 0.700 0.088 0.700 0.700 0.700 0.700 87.5 22.4 87.5 87.5 87.5 87.5 22.4 87.5 87.5 87.5 87.5
AAT8641A AAT8641B AAT8641C AAT8641D AAT8641E
Over Charge Delay Time
AAT8641F AAT8641G AAT8641H AAT8641I AAT8641J AAT8641K
t D1
AAT8641A AAT8641B AAT8641C AAT8641D AAT8641E
Over Discharge Delay Time
AAT8641F AAT8641G AAT8641H AAT8641I AAT8641J AAT8641K
-
- - Advanced Analog Technology, Inc. -
Page 16 of 25 V2.0
Advanced Analog Technology, Inc.
AAT8641 Series
SUMMARY OF AAT8641 DETECTION VOLTAGE AND DELAY TIME (25)
PARAMETER SYMBOL DEVICE
VOC1
MIN
130 130 80 110 80 80 180 130 110 180 80 400 400 400 400 400 400 400 400 400 400 400 5.6 2.8 5.6 5.6 5.6 5.6 2.8 5.6 5.6 5.6 5.6
TYP
150 150 100 130 100 100 200 150 130 200 100 500 500 480 490 480 480 510 500 490 510 480 8.0 4.0 8.0 8.0 8.0 8.0 4.0 8.0 8.0 8.0 8.0
MAX
170 170 120 150 120 120 220 170 150 220 120 600 600 600 600 600 600 600 600 600 600 600 10.4 5.2 10.4 10.4 10.4 10.4 5.2 10.4 10.4 10.4 10.4
UNIT
mV mV mV mV mV mV mV mV mV mV mV mV mV mV mV mV mV mV mV mV mV mV ms ms ms ms ms ms ms ms ms ms ms
AAT8641A AAT8641B AAT8641C AAT8641D AAT8641E
Over Current Level 1 Detection Voltage
AAT8641F AAT8641G AAT8641H AAT8641I AAT8641J AAT8641K
VOC 2
AAT8641A AAT8641B AAT8641C AAT8641D AAT8641E
Over Current Level 2 Detection Voltage
AAT8641F AAT8641G AAT8641H AAT8641I AAT8641J AAT8641K
t OC1
AAT8641A AAT8641B AAT8641C AAT8641D AAT8641E AAT8641F AAT8641G AAT8641H AAT8641I AAT8641J AAT8641K
Over Current Level 1 Detection Delay Time
-
- - Advanced Analog Technology, Inc. -
Page 17 of 25 V2.0
Advanced Analog Technology, Inc.
AAT8641 Series
TIMING CHART AAT8641 (CHARGE AND DISCHARGE)
VC1 VC2
VD2
VD1
D
out
C
out
VCHR
-
- - Advanced Analog Technology, Inc. -
Page 18 of 25 V2.0
Advanced Analog Technology, Inc.
AAT8641 Series
TIMING CHART AAT8641 (UNUSUAL CHARGE CURRENT, OVER CURRENT, AND SHORT CIRCUIT)
D out
C out
Time
-
- - Advanced Analog Technology, Inc. -
Page 19 of 25 V2.0
Advanced Analog Technology, Inc.
AAT8641 Series
TYPICAL APPLICATION
+
R1 100
C1
0.1F
VDD
Li Battery
VN GND D OUT C OUT
R2 1k
-
-
- - Advanced Analog Technology, Inc. -
Page 20 of 25 V2.0
Advanced Analog Technology, Inc.
AAT8641 Series
PACKAGE DIMENSION
-
- - Advanced Analog Technology, Inc. -
Page 21 of 25 V2.0
Advanced Analog Technology, Inc.
AAT8641 Series
PACKAGE DIMENSION (CONT.)
SYMBOLS A A1 A2 b b1 c c1 D E E1 L L1 e e1 DIMENSIONS IN MILLIMETERS MIN 1.05 0.05 1.00 0.25 0.25 0.08 0.08 2.70 2.60 1.50 0.35 TYP 1.20 0.10 1.10 -----0.40 -----0.11 2.90 2.80 1.60 0.45 0.60 REF 0.95 BSC 1.90 BSC MAX 1.35 0.15 1.20 0.50 0.45 0.20 0.15 3.00 3.00 1.70 0.55 DEMINSIONS IN INCHES MIN 0.041 0.002 0.039 0.010 0.010 0.003 0.003 0.106 0.102 0.059 0.014 TYP 0.047 0.004 0.043 -----0.016 -----0.004 0.114 0.110 0.063 0.018 0.024 REF 0.037 BSC 0.075 BSC MAX 0.053 0.006 0.047 0.020 0.018 0.008 0.006 0.118 0.118 0.067 0.022
1 2
0 3 6
5 5 8
10 7 10
0 3 6
5 5 8
10 7 10
NOTE: 1. 2. 3. DIMENSION D DOES NOT INCLUDE MOLD FLASH, PROTRUSIONS OR GATE BURRS. MOLD FLASH, PROTRUSIONS OR GATE BURRS SHALL NOT EXCEED 0.20 MILLIMETERS PER SIDE. DIMENSION E1 DOES NOT INCLUDE INTERLEAD FLASH OR PROTRUSION. INTERLEAD FLASH OR PROTRUSION SHALL NOT EXCEED 0.20MILLIMETERS PER SIDE. THE PACKAGE TOP MAY BE SAMLLER THAN PACKAGE BOTTOM. DIMENSION D AND E1 ARE DETERMINED AT THE OUTERMOST EXTREMES OF THE PLASTIC BODY EXCLUSIVE OF MOLD FLASH, TIE BAR BURRS, INTERLEAD FLASH AND GATE BURRS, BUT INCLUDING ANY MISMATCH BETWEEN THE TOP AND BOTTOM OF THE MOLDED BODY. THE SECTION B-B APPLY TO THE FLAT SECTION OF THE LEAD BETWEEN 0.08 MILLIMETERES AND 0.15 MILLIMETERS FROM THE LEAD TIP LEAD FRAME MATERIAL: EFTEC-64T 1/2H OR H.
4. 5.
-
- - Advanced Analog Technology, Inc. -
Page 22 of 25 V2.0
Advanced Analog Technology, Inc.
AAT8641 Series
TAPE AND REEL
-
- - Advanced Analog Technology, Inc. -
Page 23 of 25 V2.0
Advanced Analog Technology, Inc.
AAT8641 Series
TAPE AND REEL (CONT.)
X.XXX X X.XXX X.XX X.X X
0.0025 0.006
0.025 0.10 0.25
UNIT: MILLIMETERS
-
- - Advanced Analog Technology, Inc. -
Page 24 of 25 V2.0
Advanced Analog Technology, Inc.
AAT8641 Series
ORDERING INFORMATION
-
- - Advanced Analog Technology, Inc. -
Page 25 of 25 V2.0


▲Up To Search▲   

 
Price & Availability of AAT8641K

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X